PART |
Description |
Maker |
E3FZLS86H E3FZ-LS64H2M |
Easy mounting photoelectric sensor in short M18 housing
|
Omron Electronics LLC
|
R87B-FA1A15LPFR3 R87B-FA1A15HPF2 R87B-FA1A15HPF3 R |
Comprehensive Lineup of Single, Double, and Triple Axial Fans with Easy One-step Mounting
|
Omron Electronics LLC
|
LMF |
Conductive Plastic Motion Transducer Elements, Reduced Bulk, Designed for Easy Integration, High Accuracy, Long Life, Simple and Flexible Mounting, Essentially Infinite Resolution
|
Vishay
|
RK117 RK1171114V02 RK117111000A RK117111000N RK117 |
VOLTAGE REG POS 18V 100MA TO-92 11毫米大小金属轴低姿态电 VOLT REG POS 12V 100MA SMD TO243 11毫米大小金属轴低姿态电 VOLT REG POS 18V 100MA SMD TO243 11毫米大小金属轴低姿态电 VOLTAGE REG POS 6V 100MA TO-92 11毫米大小金属轴低姿态电 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Quick Connect; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA 11毫米大小金属轴低姿态电 Safety Relay; Contacts:NC; Coil Voltage DC Max:24V; Contact Carry Current:4A; Relay Mounting:DIN Rail; Contact Rating:250 VAC/VDC, 4 AAC/ADC 11毫米大小金属轴低姿态电 11mm Size Metal Shaft Low-profile Potentiometer 11毫米大小金属轴低姿态电 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:NPN; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular 11毫米大小金属轴低姿态电 ; Sensor Input Type:Fiber Optic; Sensing Range Max:3m; Sensor Output:NPN; Leaded Process Compatible:No; Mounting Type:DIN Rail; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular VOLT REG POS 10V 100MA SMD TO243 VOLT REG POS 15V 100MA SMD TO243 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA Safety Relay; Contacts:NC; Coil Voltage DC Max:24V; Contact Carry Current:6A; Relay Mounting:DIN Rail; Contact Rating:250 VAC/VDC, 6A Safety Control Relay; Contacts:2NC; Coil Voltage DC Max:24V; Contact Carry Current:6A; Relay Mounting:DIN Rail; Contact Rating:250 VAC/VDC, 6A FIBER IA.753SMTA VOLT REG POS 8V 100MA SMD TO-243 Safety Relay; Contacts:NC/NO; Coil Voltage DC Max:24V; Contact Carry Current:6A; Relay Mounting:DIN Rail; Contact Rating:250 VAC/VDC, 6A Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular VOLT REG POS 6V 100MA SMD TO-243
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] ALPS Electric co.,Ltd
|
669-503-04 669-509-04 669-512-04 |
?8.1mm mounting Unique hexagonal bezel to aid mounting to panel
|
Marl International Limited
|
G6K G6KU-2P-Y G6K-2F-Y G6K-2G G6K-2G-Y G6K-2P G6K- |
Surface Mounting Relay with the World’s Smallest Mounting Area and a Height of Only 5.2 mm 表面安装继电器与世界上最小的安装面积的仅.2 mm高度
|
Omron Electronics, LLC OMRON[Omron Electronics LLC]
|
0707057 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 8, mounting: Direct mounting - DFK-MSTB 2,5/ 8-G-5,08
|
Phoenix Contact
|
503480-1200 5034801200 |
0.50mm (.020) Pitch Easy-On BackFlip FPC Connector 0.50mm (.020") Pitch Easy-On垄芒 BackFlip垄芒 FPC Connector
|
Molex Electronics Ltd.
|
4R5F46000 |
Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male with Back Mounting
|
Molex Electronics Ltd.
|
4R4F46000 |
Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male with Back Mounting
|
Molex Electronics Ltd.
|
142-205-20 144-205-20 148-205-20 150-205-20 145-21 |
T-3/4 SINGLE COLOR LED ARRAY, RED, 2 mm PCB MOUNTING LEDs - ? 2mm PCB MOUNTING LEDs - ? 2mm PCB MOUNTING LEDs - 篓陋 2mm
|
MARL INTERNATIONAL LTD Marl International Limited
|
CY7C1350G-250BGI CY7C1350G CY7C1350G-100AXC CY7C13 |
4-Mbit (128K x 36) Pipelined SRAM with NoBL(TM) Architecture Mechanism, 2-inch wide, compact, Easy Load and platen detect Mechanism, 2-inch wide, Hi-speed, compact Easy Load Parallel Mini Interface Board with cutter controller for 6x8MCL35x Mechanism, ELM w/low profile cutter (full or partial cut) Mechanism, 2-inch wide, Hi-speed, compact, rear feed and platen detect 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 Mechanism, 2-inch wide, compact Easy Load, 3V logic 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture 128K X 36 ZBT SRAM, 4 ns, PBGA119
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|